PART |
Description |
Maker |
AXA010A0X3Z |
10Vdc - 14Vdc input; 0.75Vdc to 5.5Vdc Output;10A Output Current
|
Lineage Power Corporation
|
AXH005A0X-SR AXH005A0X-SRZ |
3.0 - 5.8Vdc input; 0.75Vdc to 4.0Vdc Output; 5A output current
|
Lineage Power Corporation
|
APTS050A0X3-SRPHDZ APTS050A0X3-SRPHZ |
GigaTLynxTM Non-isolated Power Modules: 4.5Vdc ?14Vdc input; 0.7Vdc to 2Vdc, 50A Output
|
http:// Lineage Power Corporation
|
NSR020A0X43Z |
4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 20A output current
|
Lineage Power Corporation
|
NSR010A0X4-49Z NSR010A0X4Z NSR010A0X4-51Z |
4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 10A output current
|
http:// Lineage Power Corporation
|
ATA016A0X3 ATA016A0X3Z ATA016A0X43 ATA016A0X43Z |
8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output;16A output current
|
Lineage Power Corporation
|
APXS006A0X-25SRZ APXS006A0X-SRDZ APXS006A0X-SRZ AP |
4.5 - 14Vdc input; 0.59Vdc to 5.5Vdc output; 6A output current
|
Lineage Power Corporation
|
ATA006A0X ATA006A0X4 ATA006A0X4Z ATA006A0XZ |
8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
|
Lineage Power Corporation
|
ASE308 |
1.8Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
|
Abracon Corporation
|
JQC-4BS15DC6V1.6 JQC-4BS15DC6V1.9 JQC-4AS15DC6V1.6 |
Small size, heavy contact load, capable of standing strong current of 40A at 14VDC.
|
http:// DBLECTRO[DB Lectro Inc]
|
FBR522ND09-W |
POWER/SIGNAL RELAY, SPDT, LATCHED, 0.09A (COIL), 9VDC (COIL), 810mW (COIL), 20A (CONTACT), 14VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
FUJITSU COMPONENT LTD
|
F09B125V15A F03B125V15A F09B125V12A FM08A125V1/2A |
APOLO7 RV1.2,1.1V,105C THREE PHASE PRE-DRIVER Infrared Temperature Sensor; Sensor Output:0 - 10VDC; Field of View:14:1; Sensing Face Type:Germanium; Sensor Terminals:Solder Lug/Quick Connect; Features:Germanium Lens; Response Time:75ms Infrared Temperature Sensor; Sensor Output:0 - 10VDC; Field of View:6:1; Sensing Face Type:Enclosed Plastic; Sensor Terminals:Solder Lug/Quick Connect; Features:Enclosed Plastic Face; Response Time:75ms RoHS Compliant: NA Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:65pF/ft RoHS Compliant: Yes Belden Shielded Riser Multi-Conductor Cable, Wire Size: 18 AWG, Number of Conductors: 2, Length: 1000 feet, Conductor Material: Bare Copper Stranded, Shielding: Beldfoil, Jacket: PVC Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:38pF/ft RoHS Compliant: Yes Connector assemblies, Audio/RF/Video cables; MILITARY COMPONENTS FUSES 军用规格保险 ; Sensor Input Type:Optical; Sensing Range Max:213m; Sensor Output:NPN/PNP 军用规格保险 ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 军用规格保险 Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:33pF/ft RoHS Compliant: Yes 军用规格保险 MPC3 PC AMPLIFIER 军用规格保险
|
Littelfuse, Inc.
|